Part Number Hot Search : 
RS0204 3PR5K D366KS 13F62 EM4444 MMBZ5227 6DAF1 02111
Product Description
Full Text Search
 

To Download IDT29FCT520C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
MULTILEVEL PIPELINE REGISTER
Integrated Device Technology, Inc.
IDT29FCT520A IDT29FCT520B IDT29FCT520C
FEATURES:
* Equivalent to AMD's Am29520 bipolar Multilevel Pipeline Register in pinout/function, speed and output drive over full temperature and voltage supply extremes * Four 8-bit high-speed registers * Dual two-level or single four-level push-only stack operation * All registers available at multiplexed output * Hold, transfer and load instructions * Provides temporary address or data storage * IOL = 48mA (commercial), 32mA (military) * CMOS power levels (1mW typ. static) * Substantially lower input current levels than AMD's bipolar (5A typ.) * TTL input and output level compatible * CMOS output level compatible * Manufactured using advanced CMOS processing * Available in 300 mil plastic and hermetic DIP, as well as LCC, SOIC and CERPACK * Product available in Radiation Tolerant and Radiation Enhanced versions * Military product compliant to MIL-STD-883, Class B
DESCRIPTION:
The IDT29FCT520A/B/C contains four 8-bit positive edgetriggered registers. These may be operated as a dual 2-level or as a single 4-level pipeline. A single 8-bit input is provided and any of the four registers is available at the 8-bit, 3-state output. In the IDT29FCT520A/B/C when data is entered into the first level (I = 2 or I = 1), the existing data in the first level is moved to the second level. Transfer of data to the second level is achieved using the 4-level shift instruction (I = 0). This transfer also causes the first level to change.
FUNCTIONAL BLOCK DIAGRAMS
D0 -D7
8
MUX I 0 ,I1
2
REGISTER CONTROL CLK
1
OCTAL REG. A1
OCTAL REG. B1
OCTAL REG. A2
OCTAL REG. B2
S0 ,S1
2
MUX
OE
8
Y0 -Y7
2620 drw 01
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
MILITARY AND COMMERCIAL TEMPERATURE RANGES
(c)1992 Integrated Device Technology, Inc.
MAY 1992
DSC-4608/2
7.2
1
IDT29FCT520A/B/C MULTILEVEL PIPELINE REGISTER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
PIN CONFIGURATIONS
I0 I1 D0 D1 D2 D3 D4 D5 D6 D7 CLK GND
1 2 3 4 5 6 7 8 9 10 11 12 24 23 22
P24-1, D24-1, E24-1 & SO24-2
21 20 19 18 17 16 15 14 13
D7 CLK GND NC OE Y7 Y6
Vcc S0 S1 Y0 Y1 Y2 Y3 Y4 Y5 Y6 Y7 OE
INDEX
4
D0 I1 I0 NC Vcc S0 S1
3 2 1 28 27 26 25 24 23 5 6 7 8 9 10
D1 D2 D3 NC D4 D5 D6
L28-1
22 21 20
11 19 12 13 14 15 16 17 18
Y0 Y1 Y2 NC Y3 Y4 Y5
2620 drw 02
DIP/CERPACK/SOIC TOP VIEW
LCC TOP VIEW
DEFINITION OF FUNCTIONAL TERMS
Pin Names Dn CLK I0, I1 S0, S1 Description Register input port. Clock input. Enter data into registers on LOWto-HIGH transitions. Instruction inputs. See Figure 1 and struction Control Tables. In-
REGISTER SELECTION
S1 0 0 1 1 S0 0 1 0 1 Register B2 B1 A2 A1
2620 tbl 02
Multiplexer select. Inputs either register A1, A2, B1 or B2 data to be available at the output port. Output enable for 3-state output port Register output port.
2620 tbl 01
OE
Yn
7.2
2
IDT29FCT520A/B/C MULTILEVEL PIPELINE REGISTER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
DUAL 2-LEVEL
SINGLE 4-LEVEL
A1
B1
A1
B1
A1
B1
A2
B2
A2
B2
A2
B2
I=2
NOTE: 1. I = 3 for hold.
I=1
I=0
2620 drw 03
Figure 1. Data Loading in 2-Level Operation
ABSOLUTE MAXIMUM RATINGS(1)
Symbol Rating VTERM(2) Terminal Voltage with Respect to GND (3) VTERM Terminal Voltage with Respect to GND TA Operating Temperature TBIAS Temperature Under Bias TSTG Storage Temperature PT Power Dissipation IOUT DC Output Current Commercial Military Unit -0.5 to +7.0 -0.5 to +7.0 V
CAPACITANCE (TA = +25C, f = 1.0MHz)
Symbol Parameter(1) CIN COUT Input Capacitance Conditions Typ. VIN = 0V 6 8 Max. 10 12 Unit pF pF
Output Capacitance VOUT = 0V
-0.5 to VCC
-0.5 to VCC
V
NOTE: 2620 tbl 04 1. This parameter is measured at characterization data but not tested.
0 to +70 -55 to +125 -55 to +125 0.5 120
-55 to +125 -65 to +135 -65 to +150 0.5 120
C C C W mA
NOTES: 2620 tbl 03 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. No terminal voltage may exceed VCC by +0.5V unless otherwise noted. 2. Inputs and VCC terminals. 3. Outputs and I/O terminals.
7.2
3
IDT29FCT520A/B/C MULTILEVEL PIPELINE REGISTER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: VLC = 0.2V, VHC = VCC - 0.2V Commercial: TA = 0C to +70C, VCC = 5.0V 5%; Military: TA = -55C to +125C, VCC = 5.0V 10%
Symbol VIH VIL IIH IIL IOZH IOZL VIK IOS VOH Clamp Diode Voltage Short Circuit Current Output HIGH Voltage VCC = Min., IN = -18mA VCC = Max.(3), VO = GND VCC = 3V, VIN = VLC or VHC, IOH = -32A VCC = Min. VIN = VIH or VIL VOL Output LOW Voltage IOH = -300A IOH = -12mA MIL. IOH = -15mA COM'L. VCC = 3V, VIN = VLC or VHC, IOL = 300A VCC = Min. VIN = VIH or VIL IOL = 300A IOL = 32mA MIL. IOL = 48mA COM'L. Parameter Input HIGH Level Input LOW Level Input HIGH Current Input LOW Current Off State (High Impedance) VCC = Max. Output Current Test Conditions(1) Guaranteed Logic HIGH Level Guaranteed Logic LOW Level VCC = Max. VI = VCC VI = 2.7V VI = 0.5V VI = GND VO = VCC VO = 2.7V VO = 0.5V VO = GND Min. 2.0 -- -- -- -- -- -- -- -- -- -- -60 VHC VHC 2.4 2.4 -- -- -- -- Typ.(2) -- -- -- -- -- -- -- -- -- -- -0.7 -120 VCC VCC 4.3 4.3 GND GND 0.3 0.3 Max. -- 0.8 5 5
(4)
Unit V V A
-5(4) -5 10 10(4) -10(4) -10 -1.2 -- -- -- -- -- VLC VLC
(4)
A
V mA V
V
0.5 0.5
2620 tbl 05
NOTES: 1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 5.0V, +25C ambient and maximum loading. 3. Not more than one output should be shorted at one time. Duration of the short circuit test should not exceed one second. 4. This parameter is guaranteed but not tested.
7.2
4
IDT29FCT520A/B/C MULTILEVEL PIPELINE REGISTER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
POWER SUPPLY CHARACTERISTICS VLC = 0.2V, VHC = VCC - 0.2V
Symbol ICC ICC ICCD Parameter Quiescent Power Supply Current Quiescent Power Supply Current, TTL Input HIGH Dynamic Power Supply Current(4) Test Conditions(1) VCC = Max. VIN VHC; VIN VLC VCC = Max. VIN = 3.4V(3) VCC = Max., Outputs Open OE = GND One Input Toggling 50% Duty Cycle VCC = Max., Outputs Open fCP = 10MHz 50% Duty Cycle VIN VHC VIN VLC Min. -- -- -- Typ.(2) 0.2 0.5 0.15 Max. 1.5 2.0 0.25 Unit mA mA mA/ MHz
IC
Total Power Supply Current(6)
VIN VHC VIN VLC (FCT)
--
1.7
4.0
mA
OE = GND VIN = 3.4V One Bit Toggling VIN = GND at fi = 5MHz, 50% Duty Cycle
VCC = Max., Outputs Open fCP = 10MHz 50% Duty Cycle VIN VHC VIN VLC (FCT) VIN = 3.4V VIN = GND
--
2.2
6.0
--
7.0
12.8(5)
OE = GND
Eight Bits Toggling at fi = 5MHz, 50% Duty Cycle
--
9.2
21.8(5)
NOTES: 1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 5.0V, +25C ambient. 3. Per TTL driven input (VIN = 3.4V); all other inputs at VCC or GND. 4. This parameter is not directly testable, but is derived for use in Total Power Supply calculations. 5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested. 6. IC = IQUIESCENT +IINPUTS + IDYNAMIC IC = ICC + ICC DHNT + ICCD (fCP/2 + fiNi) ICC = Quiescent Current ICC = Power Supply Current for a TTL HIgh Input (VIN = 3.4V) DH = Duty Cycle for TTL Inputs High NT = Number of TTL inputs at DH ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL) fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices) fi = Input Frequency Ni = Number of Inputs at fi All currents are in milliamps and all frequencies are in megahertz.
2620 tbl 06
7.2
5
IDT29FCT520A/B/C MULTILEVEL PIPELINE REGISTER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
IDT54/74FCT520A Com'l. Symbol tPHL tPLH tPHL tPLH tSU tH tSU Parameter Propagation Delay CLK to Yn Propagation Delay S0 or S1 to Yn Set-up Time HIGH or LOW Dn to CLK Hold Time HIGH or LOW Dn to CLK Set-up Time HIGH or LOW I0 or I1 to CLK Hold Time HIGH or LOW I0 or I1 to CLK Output Disable Time Output Enable Time Clock Pulse Width HIGH or LOW Condition
(1)
IDT54/74FCT520B Com'l.
(2)
IDT54/74FCT520C Com'l.
(2)
Mil.
(2)
Mil.
(2)
Mil.
(2)
Min.
(2)
Max. Min.
Max. Min.
Max. Min.
Max. Min.
Max. Min.
Max. Unit
CL = 50pF RL = 500
2.0 2.0 5.0 2.0 5.0
14.0 13.0 -- -- --
2.0 2.0 6.0 2.0 6.0
16.0 15.0 -- -- --
2.0 2.0 2.5 2.0 4.0
7.5 7.5 -- -- --
2.0 2.0 2.8 2.0 4.5
8.0 8.0 -- -- --
2.0 2.0 2.5 2.0 4.0
6.0 6.0 -- -- --
2.0 2.0 2.8 2.0 4.5
7.0 7.0 -- -- --
ns ns ns ns ns
tH
2.0
--
2.0
--
2.0
--
2.0
--
2.0
--
2.0
--
ns
tPHZ tPLZ tPZH tPZL tW
1.5 1.5 7.0
12.0 15.0 --
1.5 1.5 8.0
13.0 16.0 --
1.5 1.5 5.5
7.0 7.5 --
1.5 1.5 6.0
7.5 8.0 --
1.5 1.5 5.5
6.0 6.0 --
1.5 1.5 6.0
6.0 7.0 --
ns ns ns
NOTES: 1. See test circuit and waveforms. 2. Minimum units are guaranteed but not tested on Propagation Delays. 3. Typical values are at VCC = 5.0V, +25C ambient and maximum loading.
2620 tbl 07
7.2
6
IDT29FCT520A/B/C MULTILEVEL PIPELINE REGISTER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
TEST CIRCUITS AND WAVEFORMS TEST CIRCUITS FOR ALL OUTPUTS
VCC 500 VIN Pulse Generator RT D.U.T. 50pF CL 500 V OUT 7.0V
SWITCH POSITION
Test Open Drain Disable Low Enable Low All Other Tests Switch Closed Open
DEFINITIONS: 2620 tbl 08 CL = Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.
SET-UP, HOLD AND RELEASE TIMES
DATA INPUT t SU TIMING INPUT ASYNCHRONOUS CONTROL PRESET CLEAR ETC. SYNCHRONOUS CONTROL PRESET CLEAR CLOCK ENABLE ETC. t REM 3V 1.5V 0V 3V 1.5V 0V tH 3V 1.5V 0V 3V 1.5V 0V
PULSE WIDTH
LOW-HIGH-LOW PULSE tW HIGH-LOW-HIGH PULSE
1.5V
1.5V
t SU
tH
PROPAGATION DELAY
3V 1.5V tPLH OUTPUT t PLH OPPOSITE PHASE INPUT TRANSITION tPHL 3V 1.5V 0V t PHL 0V VOH 1.5V VOL
ENABLE AND DISABLE TIMES
ENABLE CONTROL INPUT t PZL OUTPUT NORMALLY SWITCH LOW CLOSED t PZH OUTPUT SWITCH NORMALLY OPEN HIGH 3.5V 1.5V 0.3V t PHZ 0.3V 1.5V 0V V OH 0V t PLZ DISABLE 3V 1.5V 0V 3.5V V OL
SAME PHASE INPUT TRANSITION
NOTES 2620 drw 05 1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH. 2. Pulse Generator for All Pulses: Rate 1.0 MHz; ZO 50; tF 2.5ns; tR 2.5ns.
7.2
7
IDT29FCT520A/B/C MULTILEVEL PIPELINE REGISTER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
ORDERING INFORMATION
IDT29FCT X Device Type X Package X Process/ Temperature Range Blank B Commercial (0C to +70C) Military (-55C to +125C) Compliant to MIL-STD-883, Class B Plastic DIP CERDIP Leadless Chip Carrier CERPACK Small Outline IC Multilevel Pipeline Register Fast Multilevel Pipeline Register Super Fast Multilevel Pipeline Register
P D L E SO 520A 520B 520C
2620 drw 04
7.2
8


▲Up To Search▲   

 
Price & Availability of IDT29FCT520C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X